Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 4Page - STMicroelectronics AN2829 Datasheet HTML 5Page - STMicroelectronics AN2829 Datasheet HTML 6Page - STMicroelectronics AN2829 Datasheet HTML 7Page - STMicroelectronics AN2829 Datasheet HTML 8Page - STMicroelectronics AN2829 Datasheet HTML 9Page - STMicroelectronics AN2829 Datasheet HTML 10Page - STMicroelectronics AN2829 Datasheet HTML 11Page - STMicroelectronics AN2829 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Component list
AN2829
8/32
1C24, C25
Tantalum
capacitor
0805
10 µF - 6.3 V
1C27
Tantalum
capacitor
0805
10 µF - 6.3 V
1C28
Tantalum
capacitor
3216
4.7 µF - 16 V
1D1
Dual schottky
diode
SOT23
BAT54A
STMicroelectronics
2D2, D3
Diode 1 A -
30 V
DO216AA
STPS1L30M
STMicroelectronics
1IC1
PM6681A
device
QFN-32
PM6681A
STMicroelectronics
1
L1
Inductor
13 mm x
13 mm
MLC1538-152ML
Coilcraft
1.5 µH - 12 A
1
L2
Inductor
13 mm x
13 mm
MLC1515-252ML
Coilcraf
2.5 µH - 8 A
4M1:M4
MOSFET
control FET
SO-8
STS12NH3LL
1
R3
Resistor
0805
22 k
Ω - 1%
1
R4
Resistor
0805
36 k
Ω - 1%
1
R5
Resistor
0805
3.3 k
Ω - 1%
1
R6
Resistor
0805
3 k
Ω - 1%
2
R7, R8
Resistor
0805
680
Ω - 1%
1
R9
Resistor
0805
47
Ω - 1%
2
R10, R11
Resistor
0805
10
Ω - 1%
4
R12:R15
Resistor
0805
100 k
Ω - 1%
1
R16
Resistor
0805
150 k
Ω - 1%
1
R17
Resistor
0805
560 k
Ω - 1%
2
R18, R19
Resistor
0805
NM
4
R20, R21,
R22, R23
Resistor
0805
0
Ω - 1%
1
R24
Resistor
0805
1.1 k
Ω - 1%
1
R25
Resistor
0805
820
Ω - 1%
1
R26
Resistor
1206
3.9
Ω - 1%
1
R27
Resistor
0805
10 k
Ω - 1%
1
R29
Resistor
0805
11 k
Ω - 1%
1
R28
Resistor
0805
6.8 k
Ω - 1%
1
R30
Resistor
0805
1.8 k
Ω - 1%
Table 1.
Bill of materials (continued)
Qty
Component
Description
Package
Part number
MFR
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com