Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 10Page - STMicroelectronics AN2829 Datasheet HTML 11Page - STMicroelectronics AN2829 Datasheet HTML 12Page - STMicroelectronics AN2829 Datasheet HTML 13Page - STMicroelectronics AN2829 Datasheet HTML 14Page - STMicroelectronics AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Quick start
AN2829
14/32
8
Quick start
1.
Connect VIN+ and VIN- test points of the demonstration board to an external power
supply.
2.
Ensure that all switches of DIP-switch "S2" are "OFF". In this condition all outputs are
disabled (shutdown-mode).
3.
Turn "S21"on (SHDN pin high). The LDO5 and LDO_ADJ outputs turn-on (standby-
mode).
4.
Turn "S22" on (EN1 pin high). The 1.5 V switching controller brings its output into
regulation. The PGood1 pin goes high after soft-start.
5.
Turn "S23" on (EN2 pin high). The 1.05 V switching controller brings its output into
regulation. The PGood2 pin goes high after soft-start.
6.
In order to load the switching outputs, loads must be connected between the "+" and
the "-" output test points, respectively.
7.
In order to load the LDO5 linear output, loads must be connected between J10 and
LDO5 or resistor RLD5V can be mounted on the demonstration board.
8.
In order to load the LDO_ADJ linear output, loads must be connected between J10 and
LDO_ADJ or the alternative resistor R33 can be mounted on the demonstration board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com