Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics AN2829 Datasheet HTML 23Page - STMicroelectronics AN2829 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Test setup and performance summary
AN2829
20/32
Figure 9.
Section 1 soft-start waveforms
Figure 10.
Section 2 soft-start waveforms
Driving the EN1, EN2 pins below the EN off threshold (0.8 V), the switching outputs are
connected to ground through an internal 12
Ω P-MOSFET and are discharged gradually,
(discharge mode). When the output voltages reach 0.3 V, the low-side MOSFETs are turned
on, quickly discharging them to ground.
AM01415v1
OUT1
I_L
EN1
AM01416v1
OUT2
I_L
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com