Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 14Page - STMicroelectronics AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Test setup and performance summary
AN2829
18/32
11
Test setup and performance summary
11.1
Test setup
The PM6681A demonstration board has the following input/output connections:
– 12 V input through J5-J2 (VIN+ and VIN-)
– 1.5 V SMPS output through J4-J13 (OUT1+ and OUT1-)
– 1.05 V SMPS output through J1-J12 (OUT2+ and OUT2-)
– 3.3 V linear regulator output through LDO_ADJ - J10
– 5 V linear regulator output through LDO5 - J3 (LDO5)
– A power supply capable of supplying at least 6 A should be connected to VIN+, VIN-
and two active loads should be connected respectively to OUT1+, OUT1- and
OUT2+, OUT2-.
Figure 7.
Setup connections
11.2
Power-up
As shown in Figure 8, power-up starts when the input voltage is applied and the voltage on
the SHDN pin is above the device on threshold (1.5 V). First the LDO5 goes up with a
masking time of about 4 ms. If the LDO5 output is above the UVLO threshold at this time,
the device enters standby mode and the adjustable internal linear regulator LDO is turned
on.
AM01413v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com