Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics AN2829 Datasheet HTML 23Page - STMicroelectronics AN2829 Datasheet HTML 24Page - STMicroelectronics AN2829 Datasheet HTML 25Page - STMicroelectronics AN2829 Datasheet HTML 26Page - STMicroelectronics AN2829 Datasheet HTML 27Page - STMicroelectronics AN2829 Datasheet HTML 28Page - STMicroelectronics AN2829 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AN2829
Test setup and performance summary
25/32
Figure 19.
Device current consumption vs. input voltage
11.6
Switching frequency vs. load current
Figure 20 and 21 show the switching frequency variation with the load current in PWM
mode, skip mode and no audible skip mode. 12 V is applied at the VIN+ and VIN- test points.
Figure 20.
1.5 V output switching frequency vs. load current
AM01425v1
Standby mode input battery current
vs input voltage
240
260
280
300
320
340
360
380
8
10
12
14
16
18
20
22
24
26
2830
32
34
36
Input voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com