Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 12Page - STMicroelectronics AN2829 Datasheet HTML 13Page - STMicroelectronics AN2829 Datasheet HTML 14Page - STMicroelectronics AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Jumper settings
AN2829
16/32
●
SMPS mode selection (skip)
Table 5.
Jumper S10 (connect SKIP pin to S10)
Position
Switching operating mode
GND
If the SKIP pin is tied to ground, pulse-skip mode occurs at light loads. A
zero crossing comparator prevents the inductor current from going
negative.
VREF
Connecting the SKIP pin to the VREF pin enables pulse skip mode with a
minimum switching frequency of approximately 25 kHz (ultrasonic mode).
LDO5
If the SKIP pin is tied to 5 V, fixed PWM mode occurs. The switching output
is in a position to sink and source current from the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com