Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2829 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2829 Datasheet HTML 1Page - STMicroelectronics AN2829 Datasheet HTML 2Page - STMicroelectronics AN2829 Datasheet HTML 3Page - STMicroelectronics AN2829 Datasheet HTML 4Page - STMicroelectronics AN2829 Datasheet HTML 5Page - STMicroelectronics AN2829 Datasheet HTML 6Page - STMicroelectronics AN2829 Datasheet HTML 7Page - STMicroelectronics AN2829 Datasheet HTML 8Page - STMicroelectronics AN2829 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
February 2009
Rev 1
1/32
AN2829
Application note
Dual step-down controller with auxilary voltages for
notebook system power
Introduction
The PM6681A is a dual step-down controller with adjustable output voltages that can be
used in notebook power systems. This demonstration board represents a typical application
circuit. The PM6681A demonstration board allows testing of all functions of the device and
provides two switching sections, with (typ.) 1.5 V (OUT1) and 1.05 V (OUT2) outputs from
5.5 V to 28 V input battery voltage. The typical operating switching frequency of the two
sections is 200 kHz/300 kHz, respectively. Each switching section delivers more than 5 A of
output current. An internal linear regulator provides a fixed 5 V output voltage. Another
internal linear regulator provides an adjustable output voltage (default 3.3 V). Both linear
regulators can deliver up to 100 mA peak current.
Figure 1.
PM6681A demonstration board
AM01407v1
www.st.com


Similar Part No. - AN2829

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN282 SILABS-AN282 Datasheet
881Kb / 22P
USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
logo
STMicroelectronics
AN2822 STMICROELECTRONICS-AN2822 Datasheet
200Kb / 19P
STM8S and STM8A high speed internal oscillator calibration
31-Aug-2011
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
Current source for LED driving based on the L5973AD
11-Aug-2009
AN2827 STMICROELECTRONICS-AN2827 Datasheet
818Kb / 30P
Driver for double flash LED with I²C interface
10-Jun-2009
More results

Similar Description - AN2829

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
AN2565 STMICROELECTRONICS-AN2565 Datasheet
1Mb / 29P
PM6680A evaluation kit dual step-down controller with auxiliary voltages
07-Apr-2008
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
logo
Maxim Integrated Produc...
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com