Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 9Page - STMicroelectronics AN2852 Datasheet HTML 10Page - STMicroelectronics AN2852 Datasheet HTML 11Page - STMicroelectronics AN2852 Datasheet HTML 12Page - STMicroelectronics AN2852 Datasheet HTML 13Page - STMicroelectronics AN2852 Datasheet HTML 14Page - STMicroelectronics AN2852 Datasheet HTML 15Page - STMicroelectronics AN2852 Datasheet HTML 16Page - STMicroelectronics AN2852 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AN2852
Operating waveforms
13/35
Figure 11.
HICCUP mode
2.4
Overvoltage protection
Since it is impossible to sense the output voltage from the primary side in all load conditions,
the OVP senses such voltage directly on the output. A Zener diode (D25) is used as the
threshold to activate the protection. The information is passed to the controller using
optocoupler U5 that increases the disable pin voltage over the intervention threshold of
4.5 V. In Figure 12 a loop failure is simulated by shorting R93. The overvoltage protection is
invoked and the output voltage reaches a maximum voltage of 14.8 V.
Since this protection uses the disable pin, it is latched. Hence, after PWM is stopped, the HV
generator is invoked to keep Vcc voltage between 14 V and 13.5 V. Diode D27 brings the
PFC_OK pin voltage over 2.5 V, so the L6563 is also shut down and its consumption goes
almost to the startup level. The PWM_LATCH goes high which also keeps the disable pin
high. The latched operation is shown in Figure 13.
AM01826v1
Ch1: SS pin voltage (yellow)
Ch2: COMP pin voltage (blue)
Ch3: FGND pin voltage (purple)
Ch4: PFC_STOP pin voltage (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com