Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 27Page - STMicroelectronics AN2852 Datasheet HTML 28Page - STMicroelectronics AN2852 Datasheet HTML 29Page - STMicroelectronics AN2852 Datasheet HTML 30Page - STMicroelectronics AN2852 Datasheet HTML 31Page - STMicroelectronics AN2852 Datasheet HTML 32Page - STMicroelectronics AN2852 Datasheet HTML 33Page - STMicroelectronics AN2852 Datasheet HTML 34Page - STMicroelectronics AN2852 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
AN2852
AHB transformer specifications
31/35
8
AHB transformer specifications
●
Application type: consumer, IT
●
Transformer type: open
●
Coil former: horizontal type, 7+7 pins
●
Max. temp. rise: 45°C
●
Max. operating ambient temp.: 60°C
●
Mains insulation: compliance with EN60950.
8.1
Electrical characteristics
●
Converter topology: asymmetrical half-bridge
●
Core type: ETD34 - N87 or equivalent
●
Operating frequency: 100 kHz
●
Primary inductance: 400 µH 10% at 1 kHz - 0.25 V (see Note 1)
●
Air gap: 2.32 mm on central leg
●
Leakage inductance: 10 µH max. at 100 kHz - 0.25 V (see Note 2)
●
Primary capacitance: 6 pF typ. (see Note 3)
●
Max. peak primary current: 1.93 Apk
●
RMS primary current: 0.75 ARMS
Note:
1
measured between pins 2-4
2
measured between pins 2-4 with secondaries and auxiliary windings shorted
3
calculated considering primary inductance and resonance frequency
Figure 30.
Electrical diagram
AM01845v1
6
5
2
4
14
12
9
10
PRIM.
AUX
SEC.
SEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com