Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 26Page - STMicroelectronics AN2852 Datasheet HTML 27Page - STMicroelectronics AN2852 Datasheet HTML 28Page - STMicroelectronics AN2852 Datasheet HTML 29Page - STMicroelectronics AN2852 Datasheet HTML 30Page - STMicroelectronics AN2852 Datasheet HTML 31Page - STMicroelectronics AN2852 Datasheet HTML 32Page - STMicroelectronics AN2852 Datasheet HTML 33Page - STMicroelectronics AN2852 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
PFC coil specifications
AN2852
30/35
7.2
Mechanical aspect and pin numbering
●
Maximum height from PCB: 22 mm
●
Coil former type: vertical, 6+6 pins
●
Pin distance: 5.08 mm
●
Row distance: 35.56 mm
●
Pins removed: # 1, 4, 6, 7, 9, 11, 12
●
External copper shield: bare, wound around the ferrite core including the windings and
coil former. Height is 7 mm. Connected by a solid wire soldered to pin 10
●
Manufacturer: Magnetica
●
P/N: 1825.0001.
Figure 29.
Bottom view
AM01844v1
1
6
12
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com