Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 24Page - STMicroelectronics AN2852 Datasheet HTML 25Page - STMicroelectronics AN2852 Datasheet HTML 26Page - STMicroelectronics AN2852 Datasheet HTML 27Page - STMicroelectronics AN2852 Datasheet HTML 28Page - STMicroelectronics AN2852 Datasheet HTML 29Page - STMicroelectronics AN2852 Datasheet HTML 30Page - STMicroelectronics AN2852 Datasheet HTML 31Page - STMicroelectronics AN2852 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Bill of material
AN2852
28/35
R72
10
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R73
100 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R74
10
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R75
56
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R77
56
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R78
19K6
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R79
100 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R8
680 k
Ω
Film resistor - 1% - 100 ppm/°C - 0.4 W
Vishay
R80
1K0
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R810R82
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R820R82
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R836K8
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R84
220
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R85220 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R86
33 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R87
N.M.
SMD resistor - 0805
Vishay
R88
2K2
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R89100 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R9
82 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R90
0R0
SMD film resistor – 0805
Vishay
R91
75 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R93
3K3
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R94
12
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R95
47
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R96
470
SMD film resistor - 1% - 100 ppm/°C - 1206
Vishay
R97
N.M.
SMD resistor - 1206
Vishay
R98
220
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R99
15 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
T1
Transformer
AHB transformer 1754.0004
Magnetica
U1
L6563
Advanced TM PFC controller
STMicroelectronics
U2
L6591
PWM controller for ZVS half-bridge
STMicroelectronics
U3
PC817
Optocoupler - PC817X1J000F
Sharp
U4
TS3431AILT
SMD voltage reference - 1%
STMicroelectronics
U5
PC817
Optocoupler - PC817X1J000F
Sharp
Table 8.
EVL6591-90WADP bill of materials (continued)
Ref
Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com