Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 18Page - STMicroelectronics AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics AN2852 Datasheet HTML 23Page - STMicroelectronics AN2852 Datasheet HTML 24Page - STMicroelectronics AN2852 Datasheet HTML 25Page - STMicroelectronics AN2852 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Thermal measurements
AN2852
22/35
4
Thermal measurements
A thermal analysis of the board was performed using an IR camera, refer to Figure 24 and
25.
Figure 24.
Thermal map at 115Vac - full load
Figure 25.
Thermal map at 230Vac - full load
Table 7.
Temperature of key components (Tamb = 25 °C, emissivity = 0.95 for all
points)
Point
Reference
T [°C] at 115Vac
T [°C] at 230Vac
A
D1 (Input bridge)
49.5
39.5
B
Q1 (PFC MOSFET)
46.4
37.9
C
D4 (PFC diode)
56.8
49.1
D
R6 (NTC)
55.9
47.1
E
L2 (PFC coil)
38.1
35.7
F
Q4 (AHB low-side MOSFET)
43.8
39.2
AM01839v1
°C
90.0
81.9
73.8
65.6
57.5
49.4
41.3
33.1
25.0
AM01840v1
°C
90.0
81.9
73.8
65.6
57.5
49.4
41.3
33.1
25.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com