Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 17Page - STMicroelectronics AN2852 Datasheet HTML 18Page - STMicroelectronics AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics AN2852 Datasheet HTML 23Page - STMicroelectronics AN2852 Datasheet HTML 24Page - STMicroelectronics AN2852 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AN2852
Electrical performance
21/35
To evaluate the performance of the PFC stage also, the PF and THD vs. input voltage
graphs are shown in Figure 22 and 23 at full load and 75 W input power.
Figure 22.
PF vs. input voltage
Figure 23.
THD vs. input voltage
AM01837v1
0.850
0.875
0.900
0.925
0.950
0.975
1.000
80
120
160
200
240
280
Vin [Vrms]
PF
Full load
75 W in
AM01838v1
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
80
120
160
200
240
280
Vin [Vrms]
THD [%]
Full load
75 W in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com