Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2852 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics AN2852 Datasheet HTML 23Page - STMicroelectronics AN2852 Datasheet HTML 24Page - STMicroelectronics AN2852 Datasheet HTML 25Page - STMicroelectronics AN2852 Datasheet HTML 26Page - STMicroelectronics AN2852 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AN2852
Thermal measurements
23/35
G
Q3 (AHB high side MOSFET)
40.2
39.3
H
T1 (AHB transformer ferrite)
64.8
63.4
I
T1 (AHB transformer winding)
81.2
80.1
J
D13 (AHB output diode)
83.1
81.8
K
D12 (AHB output diode)
73.7
72.8
L
L3 (Output inductor)
58.7
57.9
Table 7.
Temperature of key components (Tamb = 25 °C, emissivity = 0.95 for all
points) (continued)
Point
Reference
T [°C] at 115Vac
T [°C] at 230Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com