Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 5Page - STMicroelectronics AN3065 Datasheet HTML 6Page - STMicroelectronics AN3065 Datasheet HTML 7Page - STMicroelectronics AN3065 Datasheet HTML 8Page - STMicroelectronics AN3065 Datasheet HTML 9Page - STMicroelectronics AN3065 Datasheet HTML 10Page - STMicroelectronics AN3065 Datasheet HTML 11Page - STMicroelectronics AN3065 Datasheet HTML 12Page - STMicroelectronics AN3065 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
R14
27 k
Ω
0805
SMD standard film RES - 1/8 W - 1% - 100 ppm/°C
VISHAY
R15
51 k
Ω
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R18
82 k
Ω
0805
SMD standard film RES - 1/8 W - 5% - 250 ppm/°C
VISHAY
R19
51 k
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R20
N.M.
0805
Not mounted
R21
27
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R22
100 k
Ω
0805
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
VISHAY
R23
N.M.
0805
VISHAY
R24
220
Ω
PTH
SFR25 axial stand. film RES - 0.4W - 5% - 250 ppm/°C
VISHAY
R25
0.47
Ω
PTH
SFR25 axial stand. film RES - 0.4W - 5% - 250 ppm/°C
VISHAY
R26
0.68
Ω
PTH
SFR25 axial stand. film RES - 0.4 W - 5% - 250 ppm/°C
VISHAY
R27
56 k
Ω
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R28
1 k
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R29
1 k
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R30
1 k
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R31
10
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R32
1M0
0805
SMD standard film RES - 1/8 W - 1% - 250 ppm/°C
VISHAY
U1
L6563S
SO-14
Enhanced transition-mode PFC controller
STMicroelectronics
Table 1.
EVL6563S-100W TM PFC demonstration board bill of material (continued)
Des.
Part type/part value
Case/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com