Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 16Page - STMicroelectronics AN3065 Datasheet HTML 17Page - STMicroelectronics AN3065 Datasheet HTML 18Page - STMicroelectronics AN3065 Datasheet HTML 19Page - STMicroelectronics AN3065 Datasheet HTML 20Page - STMicroelectronics AN3065 Datasheet HTML 21Page - STMicroelectronics AN3065 Datasheet HTML 22Page - STMicroelectronics AN3065 Datasheet HTML 23Page - STMicroelectronics AN3065 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Test results and significant waveforms
AN3065
20/33
Doc ID 16279 Rev 2
4.4
Startup operation
On this demonstration board the startup resistors R7 and R16 charge C10 and C11 until the
L6563S turn-on voltage threshold is reached, at which point the L6563S starts switching.
Because once the turn-on threshold is reached the Vcc consumption increases and the
current supplied by R7 and R16 is lower, the L6563S is initially supplied by the Vcc
capacitor, and then the L1 auxiliary winding provides the voltage to supply the IC.
In the following
Figure 27 and 28 the waveforms during the startup of the circuit at mains
plug-in are shown. We can notice that the Vcc voltage rises up to the turn-on threshold, and
the L6563S starts operating. As mentioned previously, for a short time the energy is
supplied by the Vcc capacitor, and then the auxiliary winding with the charge pump circuit
takes over. At the same time, the output voltage rises from the peak value of the rectified
mains to the nominal value of the PFC output voltage. The good margin of the
compensation network allows a clean startup, without any large overshoot.
4.5
PFC_OK pin and feedback failure (open loop) protection
During normal operation, the voltage control loop provides for the output voltage (Vout) of
the PFC pre-regulator close to its nominal value, set by the resistor ratio of the feedback
output divider. In the L6563S the PFC_OK pin has been dedicated to monitor the output
voltage with a separate resistor divider composed of R3, R6, R11 (high) and R15 (low), see
Figure 2. This divider is selected so that the voltage at the pin reaches 2.5 V if the output
voltage exceeds a preset value (VOVP), usually larger than the maximum Vout that can be
expected, also including worst-case load/line transients.
Figure 27.
EVL6563S-100W TM PFC startup at
90 Vac, 60 Hz, full load
Figure 28.
EVL6563S-100W TM PFC startup at
265 Vac, 50 Hz, full load
CH1: PFC output voltage
CH2: Vcc voltage (pin #14)
CH3: RUN (pin #10)
CH4: Gate drive (pin #13)
CH1: PFC output voltage
CH2: Vcc voltage (pin #14)
CH3: RUN (pin #10)
CH4: Gate drive (pin #13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com