Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 19Page - STMicroelectronics AN3065 Datasheet HTML 20Page - STMicroelectronics AN3065 Datasheet HTML 21Page - STMicroelectronics AN3065 Datasheet HTML 22Page - STMicroelectronics AN3065 Datasheet HTML 23Page - STMicroelectronics AN3065 Datasheet HTML 24Page - STMicroelectronics AN3065 Datasheet HTML 25Page - STMicroelectronics AN3065 Datasheet HTML 26Page - STMicroelectronics AN3065 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN3065
Test results and significant waveforms
Doc ID 16279 Rev 2
23/33
tracking ends and the output voltage becomes constant. If this function is not used, leave
the pin open. The device will regulate at a fixed output voltage.
4.7
Power management and housekeeping functions
A special feature of the L6563S is that it facilitates the implementation of the "housekeeping"
circuitry needed to coordinate the operation of the PFC stage with the cascaded DC-DC
converter. The functions implemented by the housekeeping circuitry ensure that transient
conditions like power-up or power-down sequencing or failures of either power stage are
properly handled. The L6563S provides pins to do that.
As already mentioned, one communication line between the L6563S and the PWM
controller of the cascaded DC-DC converter is the PWM_LATCH (pin #8), which is normally
open when the PFC works properly. It goes high if the L6563S loses control of the output
voltage (because of a failure of the control loop) with the aim of latching off the PWM
controller of the cascaded DC-DC converter as well.
A second communication line can be established via the disable function included in the
RUN pin. Typically, this line is used to allow the PWM controller of the cascaded DC-DC
converter to shut down the L6563S in case of light load, in order to minimize the no-load
input consumption of the power supply.
Figure 31.
L6563S on/off control by a cascaded converter controller via the PFC_OK
or RUN pin
The third communication line is the PWM_STOP (pin #9), which works in conjunction with
the RUN (pin#10). The purpose of the PWM_STOP pin is to inhibit the PWM activity of both
the PFC stage and the cascaded DC-DC converter. The pin is an open collector, normally
open, that goes low if the device is disabled by a voltage lower than 0.8 V on the RUN (pin
#10). It is important to point out that this function works correctly in systems where the PFC
stage is the master and the cascaded DC-DC converter is the slave or, in other words,
where the PFC stage starts first, powers both controllers and enables/disables the operation
of the DC-DC stage. This function is quite flexible and can be used in different ways. In
systems comprising an auxiliary converter and a main converter (e.g. a desktop PC's silver
box or hi-end flatscreen TV or monitor), where the auxiliary converter also powers the
controllers of the main converter, the RUN (pin #10) can be used to start and stop the main
converter. In the simplest case, to enable/disable the PWM controller the PWM_STOP (pin
#9) can be connected to either the output of the error amplifier or, if the chip is provided with
it, to its soft-start pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com