Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 21Page - STMicroelectronics AN3065 Datasheet HTML 22Page - STMicroelectronics AN3065 Datasheet HTML 23Page - STMicroelectronics AN3065 Datasheet HTML 24Page - STMicroelectronics AN3065 Datasheet HTML 25Page - STMicroelectronics AN3065 Datasheet HTML 26Page - STMicroelectronics AN3065 Datasheet HTML 27Page - STMicroelectronics AN3065 Datasheet HTML 28Page - STMicroelectronics AN3065 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN3065
Layout hints
Doc ID 16279 Rev 2
25/33
5
Layout hints
The layout of any converter is a very important phase in the design process needing
attention by the design engineers like any other design phase. Even if it the layout phase
sometimes looks time-consuming, a good layout does indeed save time during the
functional debugging and the qualification phases. Additionally, a power supply circuit with a
correct layout needs smaller EMI filters or less filter stages which allows consistent cost
saving.
Converters using the L6563S do not require any special or specific layout rule, just the
general layout rules for any power converter have to be applied carefully. Basic rules are
listed here below. They can be used for other PFC circuits having any power level, working
either in transition mode or with a fixed-off time control.
1.
Keep power and signal RTN separated. Connect the return pins of components
carrying high current such as the input filter, sense resistors, or the output capacitor as
close as possible. This point is the RTN star point. A downstream converter will have to
be connected to this return point.
2.
Minimize the length of the traces relevant to the boost inductor, MOSFET drain, boost
rectifier and output capacitor.
3.
Keep signal components as close as possible to each L6563S relevant pin. Specifically,
keep the tracks relevant to the pin #1 (INV) net as short as possible. Components and
traces relevant to the error amplifier have to be placed far from traces and connections
carrying signals with high dV/dt like the MOSFET drain. For high-power converters or
very compact PCB layouts, a 10 nF capacitor connected to pin #8 (PWM_LATCH) and
pin #12 (GND) might be required to decrease the noise picked up by this pin while it is
in its high impedance status.
4.
Please connect heatsinks to power GND.
5.
Add an external shield to the boost inductor and connect it to power GND.
6.
Please connect the RTN of signal components including the feedback, PFC_OK and
MULT dividers close to the L6563S pin #14 (GND).
7.
Connect a ceramic capacitor (100÷470 nF) to pin #14 (Vcc) and pin #12 (GND), close
to the L6563S. Connect this point to the RTN star point (see rule
1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com