Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3065 Datasheet HTML 1Page - STMicroelectronics AN3065 Datasheet HTML 2Page - STMicroelectronics AN3065 Datasheet HTML 3Page - STMicroelectronics AN3065 Datasheet HTML 4Page - STMicroelectronics AN3065 Datasheet HTML 5Page - STMicroelectronics AN3065 Datasheet HTML 6Page - STMicroelectronics AN3065 Datasheet HTML 7Page - STMicroelectronics AN3065 Datasheet HTML 8Page - STMicroelectronics AN3065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN3065
Main characteristics and circuit description
Doc ID 16279 Rev 2
5/33
1/V2 function necessary to compensate the control loop gain dependence on the mains
voltage. Additionally, pin #10 (RUN) is connected to pin# 5 (VFF) through a resistor divider
R27 and R32, providing a voltage threshold for brownout protection (AC mains
undervoltage). A voltage below 0.8 V shuts down (not latched) the IC and brings its
consumption to a considerably lower level. The L6563S restarts as the voltage at the pin
rises above 0.88 V.
The divider R3, R6, R11 and R15 provides the L6563S pin #7 (PFC_OK) with the
information regarding the output voltage level. It is required by the L6563S output voltage
monitoring and disables functions used for PFC protection purposes.
If the voltage on pin #7 exceeds 2.5 V, the IC stops switching and restarts as the voltage on
the pin falls below 2.4 V implementing the so-called dynamic OVP, which prevents an
excessive output voltage in case of transients, because of the slow response of the error
amplifier. However, if contemporaneously the voltage of the INV pin falls below 1.66 V (typ.),
a feedback failure is assumed. In this case the device is latched off. Normal operation can
be resumed only by cycling Vcc, bringing its value lower than 6 V before rising up to the
turn-on threshold.
Additionally If the voltage on pin #7 (PFC_OK) is tied below 0.23 V, the L6563S is shut
down. To restart operation of the L6563S the voltage on pin #7 (PFC_OK) has to increase
above 0.27 V. This function can be used as a remote on/off control input.
To allow interfacing of the board with a D2D converter, the connector J3 allows powering the
L6563S with an external Vcc and also manages failure or abnormal conditions via the pins
PWM_LATCH and PWM_STOP. The L6563S can be also disabled or enabled to manage
properly light load or failure by the D2D via the PFC_OK pin (#7), available at pin #5 of J3
(ON/OFF). For further details please see
Section 4.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com