Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 15Page - STMicroelectronics AN3065 Datasheet HTML 16Page - STMicroelectronics AN3065 Datasheet HTML 17Page - STMicroelectronics AN3065 Datasheet HTML 18Page - STMicroelectronics AN3065 Datasheet HTML 19Page - STMicroelectronics AN3065 Datasheet HTML 20Page - STMicroelectronics AN3065 Datasheet HTML 21Page - STMicroelectronics AN3065 Datasheet HTML 22Page - STMicroelectronics AN3065 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN3065
Test results and significant waveforms
Doc ID 16279 Rev 2
19/33
In
Figure 24 a startup tentative below the threshold is captured. As visible at startup the
RUN pin does not allow PFC startup.
In
Figure 25 and 26 the waveforms of the circuit during operation of the brownout protection
are captured. In both cases the mains voltage was increased or decreased slowly. As visible
both at turn-on or turn-off there are no bouncing or starting attempts by the PFC converter.
Figure 24.
EVL6563S-100W TM PFC startup
attempt at 80Vac, 60 Hz, full load
CH1: PFC output voltage
CH2: Vcc voltage (pin #14)
CH3: RUN (pin #10)
CH4: gate drive (pin #13)
Figure 25.
EVL6563S-100W TM PFC: startup
with slow input voltage increasing,
full load
Figure 26.
EVL6533S-100W TM PFC: turn-off
with slow input voltage decreasing,
full load
CH1: PFC output voltage
CH2: Vcc (pin #14)
CH3: RUN (pin #10)
CH4: Gate drive (pin #13)
CH1: PFC output voltage
CH2: Vcc (pin #14)
CH3: RUN (pin #10)
CH4: Gate drive (pin #13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com