Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3065 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 25Page - STMicroelectronics AN3065 Datasheet HTML 26Page - STMicroelectronics AN3065 Datasheet HTML 27Page - STMicroelectronics AN3065 Datasheet HTML 28Page - STMicroelectronics AN3065 Datasheet HTML 29Page - STMicroelectronics AN3065 Datasheet HTML 30Page - STMicroelectronics AN3065 Datasheet HTML 31Page - STMicroelectronics AN3065 Datasheet HTML 32Page - STMicroelectronics AN3065 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
PFC coil specifications
AN3065
30/33
Doc ID 16279 Rev 2
7.4
Winding characteristics
7.5
Mechanical aspect and pin numbering
●
Maximum height from PCB: 21.5 mm
●
Coil former type: vertical, 6+6 pins
●
TDK P/N: BPQ26/20-1112CP
●
Pins #1, 2, 4, 6, 7, 10, 12 are removed - pin 8 is for polarity key
●
External copper shield: not insulated, wound around the ferrite core, including the coil
former. It must be well adhered to the ferrite. Height is 8 mm. Connected to pin #3 by a
soldered, solid wire.
Figure 40.
Top view
7.6
Unit identification
●
Manufacturer: TDK
●
Manufacturer P/N: SRW2620PQ-X22V102
Table 2.
Winding characteristics
Pins
Winding
RMS current
Number of turns
Wire type
5 - 9
Primary(1)
1.
Primary winding external insulation: 2 layers of polyester tape
1.4 ARMS
57.5 - fit
Multi stranded
#7 x
φ 0.20 mm
11 - 3
Aux (2)
2.
Aux winding is wound on top of primary winding. External insulation with 2 layers of polyester tape
5.5 spaced
5.5 - spaced
φ 0.28 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com