Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 9Page - STMicroelectronics AN3119 Datasheet HTML 10Page - STMicroelectronics AN3119 Datasheet HTML 11Page - STMicroelectronics AN3119 Datasheet HTML 12Page - STMicroelectronics AN3119 Datasheet HTML 13Page - STMicroelectronics AN3119 Datasheet HTML 14Page - STMicroelectronics AN3119 Datasheet HTML 15Page - STMicroelectronics AN3119 Datasheet HTML 16Page - STMicroelectronics AN3119 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN3119
Test results and significant waveforms
Doc ID 16849 Rev 2
13/32
Figure 15.
EVL6563S-250W TM PFC: static Vout regulation vs. output power
The measured output voltage at different line and static load conditions is shown in
Figure 15. As seen, the voltage is very stable over all the input voltage and output load
range.
4.2
MOSFET current, TM signals, and L6563S THD optimizer
In the following images the waveforms relevant to the switch current at 100 Vac voltage
mains are shown; in Figure 16 and 17 it can be noted that the current peaks in the two
MOSFETs in parallel are very close to each other, demonstrating the perfect current sharing
between the two devices. The two MOSFETs in parallel allow the total thermal resistance
junction-heat sink to decrease, therefore the same peak current can be managed using two
smaller and cheaper MOSFETs instead of a bigger one.
In Figure 16, close to the zero crossing points of the sinewave, it is possible to note the
action of the THD optimizer embedded in the L6563S. It is a circuit which minimizes the
conduction dead-angle occurring at the AC input current near the zero-crossings of the line
voltage (crossover distortion). In this way, the THD (total harmonic distortion) of the current
is considerably reduced. A major cause of this distortion is the inability of the system to
transfer energy effectively when the instantaneous line voltage is very low. This effect is
magnified by the high frequency filter capacitor placed after the bridge rectifier, which
retains some residual voltage causing the diodes of the bridge rectifier to be reverse-biased
and the input current flow to temporarily stop. To overcome this issue the device forces the
PFC pre-regulator to process more energy near the line voltage zero-crossings as
compared to that commanded by the control loop. This results in both minimizing the time
interval where energy transfer is lacking and fully discharging the high-frequency filter
capacitor after the bridge. Essentially, the circuit artificially increases the on-time of the
power switch with a positive offset added to the output of the multiplier in the proximity of the
line voltage zero-crossings. This offset is reduced as the instantaneous line voltage
increases, so that it becomes negligible as the line voltage moves towards the top of the
sinusoid. Furthermore, the offset is modulated by the voltage on the VFF pin so as to have
as little offset at low-line, where energy transfer at zero crossings is typically quite good, and
a larger offset at high-line where the energy transfer gets worse.
To achieve maximum benefit from the THD optimizer circuit, the high-frequency filter
capacitors after the bridge rectifier should be minimized, maintaining compatibility with EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com