Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 24Page - STMicroelectronics AN3119 Datasheet HTML 25Page - STMicroelectronics AN3119 Datasheet HTML 26Page - STMicroelectronics AN3119 Datasheet HTML 27Page - STMicroelectronics AN3119 Datasheet HTML 28Page - STMicroelectronics AN3119 Datasheet HTML 29Page - STMicroelectronics AN3119 Datasheet HTML 30Page - STMicroelectronics AN3119 Datasheet HTML 31Page - STMicroelectronics AN3119 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
EMI filtering and conducted EMI pre-compliance measurements
AN3119
28/32
Doc ID 16849 Rev 2
7
EMI filtering and conducted EMI pre-compliance
measurements
Figures 40, 41, 42, and 43 show the measurement in average mode of the conducted noise
at full load and nominal mains voltages for both mains lines. The limits shown in the
diagrams are EN55022 class-B which is the most popular standard for domestic equipment
using a two-wire mains connection.
It is worth remembering that typically a PFC produces a significant differential mode noise
with respect to other topologies. In case an additional margin, with respect to the limits, is
needed, increasing the differential attenuation by increasing the across the line (X)
capacitors or theC4 capacitor after the rectifier bridge is suggested. Sometimes a differential
mode coil connected as a pi-filter placed after, between the bridge rectifier and the boost
stage, is more effective and cheaper than increasing the size of the common mode filter coil
which would filter the differential mode noise by the leakage inductance only between the
two windings.
To recognize if the circuit is affected by common mode or differential mode noise it is
sufficient to compare the spectrum of phase and neutral line measurements; if the two
measurements are very similar the noise is almost totally common mode. If there is a
significant difference between the two measurement spectrums, their difference represents
the amount of differential mode noise. Of course to get a reliable comparison the two
measurements have to be done under the same conditions.
Because the differential mode produces common mode noise through the magnetic field
induced by the current, decreasing the differential mode consequently limits the latter.
As visible in the diagrams, in all test conditions there is at least a 6dB margin of the
measurements with respect to the limits. The measurements have been done in AVG
detection to evaluate the benefit of the jittering effect of the TM control.
Figure 40.
EVL6563S-250W CE AVG
measurement at 115 Vac-60 Hz - full
load - phase wire
Figure 41.
EVL6563S-250W CE AVG
measurement at 115 Vac-60 Hz - full
load - neutral wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com