Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 10Page - STMicroelectronics AN3119 Datasheet HTML 11Page - STMicroelectronics AN3119 Datasheet HTML 12Page - STMicroelectronics AN3119 Datasheet HTML 13Page - STMicroelectronics AN3119 Datasheet HTML 14Page - STMicroelectronics AN3119 Datasheet HTML 15Page - STMicroelectronics AN3119 Datasheet HTML 16Page - STMicroelectronics AN3119 Datasheet HTML 17Page - STMicroelectronics AN3119 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Test results and significant waveforms
AN3119
14/32
Doc ID 16849 Rev 2
filtering needs. In fact, a large capacitance introduces a conduction dead-angle of the AC
input current in itself, therefore reducing the effectiveness of the optimizer circuit.
In Figure 18 the detail of the waveforms at switching frequency shows the operation of the
transition mode control; once the inductor has transferred all the energy stored, a falling
edge on the ZCD pin (#11) is detected and it triggers a new on-time by setting the gate drive
high. Once the current signal on the CS pin (#4) has reached the level programmed by the
internal multiplier circuitry, according to the input mains instantaneous voltage and the error
amplifier output level, the gate drive is set low and MOSFET conduction is stopped. During
the following off-time the energy stored in the inductor is transferred into the output capacitor
and to the load. At the end of the current conduction a new demagnetization is detected by
the ZCD which provides for a new on-time of the MOSFET.
In Figure 19 the waveforms of the MULT, VFF, INV, and COMP pins are shown.
Figure 16.
EVL6563S-250W TM PFC: MOSFET
current at 100 Vac - 50 Hz - full load
Figure 17.
EVL6563S-250W TM PFC: MOSFET
current at 100 Vac - 50 Hz - full load
CH1: Q1 gate voltage, CH2: Q2 gate voltage,
CH3: Q1 drain current
CH4: Q2 drain current
CH1: Q1 gate voltage, CH2: Q2 gate voltage
CH3: Q1 drain current
CH4: Q2 drain current
Figure 18.
EVL6563S-250W TM PFC: L6563S
control pins-1 at 115 Vac - 60 Hz -
full load
Figure 19.
EVL6563S-250W TM PFC: L6563S
control pins-2 at 115 Vac - 60 Hz -
full load
CH1: GD - pin #13, CH2: ZCD - pin #11, CH3: CS - pin #4
CH4: MULT - pin #3
CH1: INV - pin #1, CH2: MULT - pin #3, CH3: COMP - pin #2
CH4: VFF - pin #5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com