Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics AN3119 Datasheet HTML 24Page - STMicroelectronics AN3119 Datasheet HTML 25Page - STMicroelectronics AN3119 Datasheet HTML 26Page - STMicroelectronics AN3119 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AN3119
Test results and significant waveforms
Doc ID 16849 Rev 2
23/32
4.7
Power management and housekeeping functions
A special feature of the L6563S is that it facilitates the implementation of the “housekeeping”
circuitry needed to coordinate the operation of the PFC stage to that of the cascaded DC-
DC converter. The functions realized by the housekeeping circuitry ensure that transient
conditions like power-up or power-down sequencing or failures of either power stage be
properly handled. The L6563S provides some pins to do that.
As already mentioned, one communication line between the L6563S and the PWM
controller of the cascaded DC-DC converter is the PWM_LATCH (pin #8), which is normally
open when the PFC works properly. It goes high if the L6563S loses control of the output
voltage (because of a failure of the control loop) or if the boost inductor saturates, with the
aim of also latching off the PWM controller of the cascaded DC-DC converter.
A second communication line can be established via the disable function included in the
RUN pin. Typically, this line is used to allow the PWM controller of the cascaded DC-DC
converter to shut down the L6563S in the case of light load, to minimize the no-load input
consumption of the power supply.
Examples of intefacing some ST half-bridges controllers are shown in Figure 34.
Figure 34.
L6563S on/off control by a cascaded converter controller via the PFC_OK
or RUN pin
The third communication line is the PWM_STOP pin (# 9), which works in conjunction with
the RUN pin (#10). The purpose of the PWM_STOP pin is to inhibit the PWM activity of both
the PFC stage and the cascaded DC-DC converter. The pin is an open collector, normally
open, that goes low if the device is disabled by a voltage lower than 0.8 V on the RUN pin
(#10). It is important to point out that this function works correctly in systems where the PFC
stage is the master and the cascaded DC-DC converter is the slave or, in other words,
where the PFC stage starts first, powers both controllers and enables/disables the operation
of the DC-DC stage. This function is quite flexible and can be used in different ways. In
systems comprising an auxiliary converter and a main converter (e.g. desktop PC's, silver
box or high end flat-TVs, and monitors), where the auxiliary converter also powers the
controllers of the main converter, the RUN pin (#10) can be used to start and stop the main
converter. In the simplest case, to enable/disable the PWM controller the PWM_STOP pin
(#9) can be connected to either the output of the error amplifier or, if provided the chip, to the
soft-start pin.
The EVL6563S-250W offers the possibility to test these function by connecting it to the
cascaded converter via the R30, R31, R32 series resistors. Regarding the PWM_STOP pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com