Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics AN3119 Datasheet HTML 24Page - STMicroelectronics AN3119 Datasheet HTML 25Page - STMicroelectronics AN3119 Datasheet HTML 26Page - STMicroelectronics AN3119 Datasheet HTML 27Page - STMicroelectronics AN3119 Datasheet HTML 28Page - STMicroelectronics AN3119 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AN3119
Layout hints
Doc ID 16849 Rev 2
25/32
5
Layout hints
The layout of any converter is a very important phase in the design process needing as
much attention by the design engineers as any other design phase. Even if it the layout
phase can sometimes look time consuming a good layout surely saves time during the
functional debugging and the qualification phases. Additionally, a power supply circuit with a
correct layout needs smaller EMI filters or less filter stages and so it allows a consistent
money saving.
Converters using the L6563S do not need any special or specific layout rule to be followed;
just the general layout rules for any power converter have to be applied carefully. Basic rules
are listed below; they can be used for other PFC circuits having any power level, working
either in transition mode or with a fixed-off time control.
1.
Keep power and signal RTN separated. Connect the return pins of the components
carrying high current such as input filters, sense resistors, or output capacitors, as
close as possible. This point is the RTN star point. A downstream converter must be
connected to this return point.
2.
Minimize the length of the traces relevant to the boost inductor, MOSFET drain, boost
rectifier and output capacitor.
3.
Keep signal components as close as possible to each L6563S relevant pin. To be more
precise, keep the tracks relevant to the pin #1 (INV) net as short as possible.
Components and traces relevant to the Error Amplifier have to be placed far from traces
and connections carrying signals with high dV/dt, such as the MOSFET drain. For high
power converters or very compact PCB layout a 10 nF capacitor connected to pin #9
(PWM_LATCH) and pin #12 (GND) might be required to decrease the noise picked up
by this pin while it is in its high impedance status.
4.
Please connect heat sinks to power GND.
5.
Add an external shield to the boost inductor and connect it to power GND.
6.
Please connect the RTN of signal components including the feedback, PFC_OK, and
MULT dividers close to the L6563S pin #12 (GND).
7.
Connect a ceramic capacitor (100÷470 nF) to pin #14 (Vcc) and pin #12 (GND), close
to the L6563S. Connect this point to the RTN star point (see rule 1).
Figure 37.
EVL6563S-250W TM PFC: PCB layout (SMT side view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com