Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 17Page - STMicroelectronics AN3119 Datasheet HTML 18Page - STMicroelectronics AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics AN3119 Datasheet HTML 24Page - STMicroelectronics AN3119 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN3119
Test results and significant waveforms
Doc ID 16849 Rev 2
21/32
The event of an open-loop is demonstrated in Figure 32 and 33; notice the protection
intervention, latching the operation of the L6563S. As mentioned previously, to restart the
system it is necessary to recycle the input power. The connection of the startup resistors
after the rectifier bridge allows a restart, in case of latch, faster than connecting the resistor
to the bulk capacitor. In this case, to restart the operation it is necessary to wait the time
needed to discharge the bulk capacitor below the Vccrestart to reset the latch and then
resume the operation.
Figure 31.
EVL6563S-250W load transient at 115 Vac - 60 Hz - full load to no-load
CH1: PFC output voltage,
CH2: PFC_OK (pin #7),
CH3: gate drive (pin #13),
CH4: Iout
Figure 32.
EVL6563S-250W TM PFC: open-
loop at 115 Vac - 60 Hz - full load
Figure 33.
EVL6563S-250W TM PFC: open-
loop at 115 Vac - 60 Hz - full load -
long acquisition
CH1: PFC output voltage
CH2: Vcc (pin #14)
CH3: gate drive (pin #13)
CH4: PWM_LATCH (pin#8)
CH1: PFC output voltage
CH2: Vcc (pin #14)
CH3: gate drive (pin #13)
CH4: PWM_LATCH (pin#8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com