Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3119 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 18Page - STMicroelectronics AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics AN3119 Datasheet HTML 24Page - STMicroelectronics AN3119 Datasheet HTML 25Page - STMicroelectronics AN3119 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Test results and significant waveforms
AN3119
22/32
Doc ID 16849 Rev 2
4.6
TBO (tracking boost option)
To achieve the TBO function on the L6563S a dedicated input of the multiplier is available on
pin #6 (TBO); the function can be realized by simply connecting a resistor (RT) between the
TBO pin and ground.
Usually, in traditional PFC stages, the DC output voltage is regulated at a fixed value
(typically 400 V) but in some applications it may be advantageous to regulate the PFC
output voltage with the “tracking boost” or “follower boost” approach. In this way the circuit
with TBO function provides better efficiency, and thanks to the lower differential voltage
across the boost inductor the value of L2 can be reduced, compared to the same circuit
without TBO function.
The TBO pin presents a DC level equal to the peak of the MULT pin voltage and is then
representative of the mains RMS voltage. The resistor defines a current, equal to
V(TBO)/RT, which is internally 1:1 mirrored and sunk from the INV pin (#1) input of the error
amplifier. In this way, when the mains voltage increases, the voltage at the TBO pin also
increases, as does the current flowing through the resistor connected between TBO and
GND. Then a larger current is sunk by the INV pin and the output voltage of the PFC pre-
regulator is forced higher. Obviously the output voltage moves in the opposite direction if the
input voltage decreases.
To avoid an undesired output voltage rise, should the mains voltage exceed the maximum
specified value, the voltage at the TBO pin is clamped at 3 V. By properly selecting the
multiplier bias it is possible to set the maximum input voltage above which input-to-output
tracking ends and the output voltage becomes constant. If this application is not used and
the pin is left open, the device regulates at a fixed output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com