Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 9Page - STMicroelectronics AN4027 Datasheet HTML 10Page - STMicroelectronics AN4027 Datasheet HTML 11Page - STMicroelectronics AN4027 Datasheet HTML 12Page - STMicroelectronics AN4027 Datasheet HTML 13Page - STMicroelectronics AN4027 Datasheet HTML 14Page - STMicroelectronics AN4027 Datasheet HTML 15Page - STMicroelectronics AN4027 Datasheet HTML 16Page - STMicroelectronics AN4027 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DocID022604 Rev 3
13/41
AN4027
Efficiency measurements
41
2
Efficiency measurements
Table 2 shows the no load consumption and the overall efficiency measurements at the
nominal mains voltages. At 115 Vac the full load efficiency is 91.5%, and at 230 Vac it is
93.2%, which are both high values for a double stage power supply and confirm the benefit
of implementing the synchronous rectification. The results are also shown in Figure 5 as
a graph.
Also at no load, the board performance is superior for a 150 W power supply: no load
consumption at nominal mains voltage is lower than 160 mW.
Figure 4. Graph of efficiency measurements
Table 2. Efficiency measurements
Input voltage
Load condition
Vout [V]
Iout [A]
Pout [W]
Pin [W]
Efficiency (%)
115 V - 60 Hz
No load
12.00
0.00
0.00
0.132
-
10%
11.99
1.257
15.07
18.04
83.54
20%
11.99
2.50
29.98
35.58
84.2
25%
11.99
3.13
37.53
43.36
86.6
50%
11.97
6.25
74.81
82.53
90.6
75%
11.96
9.38
112.18
122.54
91.5
100%
11.94
12.50
149.25
163.12
91.5
230 V - 50 Hz
No load
12.00
0.00
0.00
0.145
-
10%
11.98
1.258
15.07
17.43
86.46
20%
11.99
2.50
29.98
35.35
84.8
25%
11.98
3.14
37.62
43.27
86.9
50%
11.97
6.25
74.81
81.56
91.7
75%
11.96
9.38
112.18
120.66
93.0
100%
11.94
12.50
149.25
160.22
93.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com