Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 27Page - STMicroelectronics AN4027 Datasheet HTML 28Page - STMicroelectronics AN4027 Datasheet HTML 29Page - STMicroelectronics AN4027 Datasheet HTML 30Page - STMicroelectronics AN4027 Datasheet HTML 31Page - STMicroelectronics AN4027 Datasheet HTML 32Page - STMicroelectronics AN4027 Datasheet HTML 33Page - STMicroelectronics AN4027 Datasheet HTML 34Page - STMicroelectronics AN4027 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID022604 Rev 3
31/41
AN4027
Bill of material
41
J1
MKDS 1,5/ 3-
5,08
PCB term. block, screw conn., pitch 5 mm - 3 W
Phoenix
Contact
DWG
J2
FASTON
FASTON - connector
DWG
J3
FASTON
FASTON - connector
DWG
JPX1
JUMPER
Bare copper wire jumper
DWG
L1
2019.0002
Common mode choke - EMI filter
Magnetica
DWG
L2
1975.0004
PFC inductor - 0.31 mH - PQ26/25
Magnetica
DWG
Q1
STF21N65M5
N-channel Power MOSFET
ST
TO-220FP
Q2
BC857C
PNP small signal BJT
Vishay
SOT-23
Q3
STF8NM50N
N-channel Power MOSFET
ST
TO-220FP
Q4
STF8NM50N
N-channel Power MOSFET
ST
TO-220FP
Q8
BC847C
NPN small signal BJT
Vishay
SOT-23
Q9
BC847C
NPN small signal BJT
Vishay
SOT-23
R1
6.8 M
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R2
5.6 M
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R3
2.2 M
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R5
75
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R6
NTC 2R5-S237 NTC resistor B57237S0259M000
EPCOS
DWG
R7
2.2 M
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R8
2.2 M
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R9
160 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R10
56 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R11
2.2 M
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R12
2.2 M
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R13
9.1 K
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R14
100 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R15
56 K
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R16
2.7 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R17
2.2 M
SMD STD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R18
82 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R19
56 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R20
33
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R21
22
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R22
0.22
RSMF1TB - metal film res. - 1 W - 2% -
250 ppm/°C
AKANEOHM
PTH
Table 7. EVL6699-150W-SR demonstration board: motherboard bill of material (continued)
Des.
Part number /
part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com