Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 28Page - STMicroelectronics AN4027 Datasheet HTML 29Page - STMicroelectronics AN4027 Datasheet HTML 30Page - STMicroelectronics AN4027 Datasheet HTML 31Page - STMicroelectronics AN4027 Datasheet HTML 32Page - STMicroelectronics AN4027 Datasheet HTML 33Page - STMicroelectronics AN4027 Datasheet HTML 34Page - STMicroelectronics AN4027 Datasheet HTML 35Page - STMicroelectronics AN4027 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Bill of material
AN4027
32/41
DocID022604 Rev 3
R23
0.22
RSMF1TB - metal film res. - 1 W - 2% -
250 ppm/°C
AKANEOHM
PTH
R24
1 M
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R25
56
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R26
1 M
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R27
470
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R28
33 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R29
1 K
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R30
10
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R31
20 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R32
47
SMD STD film res. - 1/8 W - 5% - 250ppm/°C
Vishay
SMD 0805
R34
8.2 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R35
180 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R36
1.8 M
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R37
220 K
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R38
56
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R40
68
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R41
100
SFR25 axial stand. Film res. - 0.4 W - 5% -
250 ppm/°C
Vishay
PTH
R42
1 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R43
51
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R44
6.3 K
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R45
3.3
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R46
100 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R48
47 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R49
91 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 1206
R50
12 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R51
91 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R52
1.5 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R53
2.2 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R54
0
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R55
2.7 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R57
0.02
SMD current sense resistor - ERJM1WTF2M0U
Panasonic
SMD 2512
R58
100 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R59
100 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
Table 7. EVL6699-150W-SR demonstration board: motherboard bill of material (continued)
Des.
Part number /
part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com