Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 17Page - STMicroelectronics AN4027 Datasheet HTML 18Page - STMicroelectronics AN4027 Datasheet HTML 19Page - STMicroelectronics AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics AN4027 Datasheet HTML 23Page - STMicroelectronics AN4027 Datasheet HTML 24Page - STMicroelectronics AN4027 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID022604 Rev 3
21/41
AN4027
Functional check
41
order to prevent loss of soft-switching during the initial switching cycles which typically is not
guaranteed by the usual soft-start procedure. At startup, the voltage across the resonant
capacitor is often quite different from Vin/2, as during normal steady-state operation, so it
takes some time for its DC component to reach the steady-state value Vin/2. During this
transient, the transformer is not driven symmetrically and there is a significant V · s
imbalance in two consecutive half-cycles. If this imbalance is large, there is a significant
difference in the up and down slopes of the tank current and, in a typical controller working
with fixed 50% duty cycle, as the duration of the two half-cycles is the same, the current may
not reverse in a switching half-cycle. Therefore, one MOSFET can be turned on while the
body diode of the other is conducting and this may happen for a few cycles. To prevent this,
the L6699 is provided with a proprietary circuit that modifies the normal operation of the
oscillator during the initial switching cycles, so that the initial V · s unbalance is almost
eliminated. Its operation is such that current reversal in every switching half-cycle and, then,
soft-switching, is ensured. In Figure 21 it can be noted that at the beginning of operation the
duty cycle of the half bridge is initially considerably less than 50%, the tank current has
lower peak values and changes sign every half-cycle, while the DC voltage across the
resonant capacitor reaches the steady-state. The device goes to normal operation after
approximately 50 µs from the first switching cycle. This transition is almost seamless and
just a small perturbation of the tank current can be observed.
4.2
Burst mode operation at light load
In Figure 22 some burst mode pulses are captured during 250 mW load operation. The
burst pulses are very narrow and their period is quite long, therefore the resulting equivalent
switching frequency is very low, ensuring high efficiency. The resulting output voltage ripple
during burst mode operation is about 200 mV peak-to-peak.
In Figure 23 the detail of the burst is reported: the first initial pulse is shorter than the
following ones avoiding the typical high current peak at half bridge operation restarting, due
to the recharging or the resonant capacitor. The maximum operating frequency of the half
bridge, set by the resistor R34 in series to the optocoupler, is around 77 kHz.
Figure 20. Startup at 115 Vac - full load
Figure 21. Startup at full load - detail
CH1: HB voltage
CH2: LVG
CH3: CSS
CH4: ISEN
AM11413v1
CH1: HB voltage
CH2: LVG
CH3: CSS
CH4: ISEN
AM11414v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com