Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 18Page - STMicroelectronics AN4027 Datasheet HTML 19Page - STMicroelectronics AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics AN4027 Datasheet HTML 23Page - STMicroelectronics AN4027 Datasheet HTML 24Page - STMicroelectronics AN4027 Datasheet HTML 25Page - STMicroelectronics AN4027 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Functional check
AN4027
22/41
DocID022604 Rev 3
In Figure 24 and Figure 25 the transitions from full load to no load and vice versa have been
checked. As seen in the images, both transitions are clean and there isn't any output voltage
dip.
4.3
Overcurrent and short-circuit protection
The L6699 is equipped with a current sensing input (pin 6, ISEN) and a dedicated
overcurrent management system. The current flowing in the resonant tank is detected and
the signal is fed into the ISEN pin. It is internally connected to a first comparator, referenced
to 0.8 V, and to a second comparator referenced to 1.5 V. If the voltage externally applied to
the pin exceeds 0.8 V, the first comparator is tripped causing an internal switch to be turned
on and to discharge the soft-start capacitor CSS.
Under output short-circuit, this operation results in a nearly constant peak primary current.
With the L6699, the board designer can externally program the maximum time that the
Figure 22. Pout = 250 mW operation
Figure 23. Pout = 250 mW operation - detail
CH1: HB voltage
CH2: LVG
CH3: STBY
CH4: Vout (AC coupl.)
AM11624v1
CH1: HB voltage
CH2: LVG
CH3: STBY
CH4: Res. tank current
AM11625v1
Figure 24. Transition full load to no load at
115 Vac - 60 Hz
Figure 25. Transition no load to full load at
115 Vac - 60 Hz
CH1: LVG pin
CH2: PFC gate
CH3: Output voltage CH4: Output current
AM11626v1
CH1: LVG pin
CH2: PFC gate
CH3: Output voltage CH4: Output current
AM11627v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com