Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 25Page - STMicroelectronics AN4027 Datasheet HTML 26Page - STMicroelectronics AN4027 Datasheet HTML 27Page - STMicroelectronics AN4027 Datasheet HTML 28Page - STMicroelectronics AN4027 Datasheet HTML 29Page - STMicroelectronics AN4027 Datasheet HTML 30Page - STMicroelectronics AN4027 Datasheet HTML 31Page - STMicroelectronics AN4027 Datasheet HTML 32Page - STMicroelectronics AN4027 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID022604 Rev 3
29/41
AN4027
Bill of material
41
7
Bill of material
Table 7. EVL6699-150W-SR demonstration board: motherboard bill of material
Des.
Part number /
part value
Description
Supplier
Case
C1
470 nF - X2
X2 - film cap - B32922C3474K
EPCOS
9.0 × 18.0 p 15 mm
C2
2.2 nF - Y1
Y1 safety cap. CD12-E2GA222MYGSA
EPCOS
p10 mm
C3
2.2 nF - Y1
Y1 safety cap. CD12-E2GA222MYGSA
EPCOS
p10 mm
C4
470 nF - X2
X2 - film cap. B32922C3474K
EPCOS
9.0 × 18.0 p 15 mm
C5
470 nF - 520 V
520 V - film cap. - B32673Z5474K
EPCOS
7.0 x 26.5 p 22.5 mm
C6
330 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C7
100 nF
100 V CERCAP - general purpose
AVX
PTH
C8
10 µF - 50 V
Aluminium Elcap - YXF series - 105 °C
Rubycon
Dia. 5.0 x 11 mm
C9
100 µF - 450 V
Aluminium Elcap - UPZ series - 105 °C
Nichicon
Dia. 18 x 32 mm
C10
1 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C11
2.2 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C12
1 µF
25 V CERCAP - general purpose
AVX
SMD 0805
C13
680 nF
25 V CERCAP - general purpose
AVX
SMD 1206
C14
68 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C15
47 µF - 50 V
Aluminium Elcap - YXF series - 105 °C
Rubycon
Dia. 6.3 x 11 mm
C16
2.2 nF
50 V CERCAP - general purpose
AVX
SMD 1206
C17
330 pF
50 V - 5 % - C0G - CERCAP
AVX
SMD 0805
C18
4.7 µF
25 V CERCAP - general purpose
AVX
SMD 1206
C19
100 nF
50 V CERCAP - general purpose
AVX
SMD 1206
C20
2.2 nF - Y1
Y1 safety cap. CD12-E2GA222MYGSA
EPCOS
p10mm
C21
2.2 nF - Y1
Y1 safety cap. CD12-E2GA222MYGSA
EPCOS
p10mm
C22
220 pF
50 V CERCAP - general purpose
AVX
SMD 0805
C23
10 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C24
220 µF - 50 V
Aluminium Elcap - YXF series - 105 °C
Rubycon
Dia. 10 x 16 mm
C25
1.5 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C26
10 µF - 50 V
Aluminium Elcap - YXF series - 105 °C
Rubycon
Dia. 5.0 x 11 mm
C27
220 pF - 630 V
630 V CERCAP - GRM31A7U2J221JW31
Murata
SMD 1206
C28
22 nF
1 KV - film cap. B32652A223K
EPCOS
5.0 x 18.0 p 15 mm
C29
470 µF - 16 V
16 V OSCON CAP 16SEPC470M
Sanyo
Dia. 10 x 13 p 5 mm
C30
470 µF - 16 V
16 V OSCON CAP 16SEPC470M
Sanyo
Dia. 10 x 13 p 5 mm
C32
470 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C33
1.5 nF
50 V CERCAP - general purpose
AVX
SMD 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com