Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4027 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 19Page - STMicroelectronics AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics AN4027 Datasheet HTML 23Page - STMicroelectronics AN4027 Datasheet HTML 24Page - STMicroelectronics AN4027 Datasheet HTML 25Page - STMicroelectronics AN4027 Datasheet HTML 26Page - STMicroelectronics AN4027 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID022604 Rev 3
23/41
AN4027
Functional check
41
converter is allowed to run overloaded or under short-circuit conditions. Overloads or short-
circuits lasting less than the set time do not cause any other action, therefore providing the
system with immunity to short duration phenomena. If, instead, the overload condition keeps
going, a protection procedure is activated that shuts down the L6699 and, in the case of
continuous overload/short-circuit, results in continuous intermittent operation with a user
defined duty cycle. This function is realized with the DELAY pin (pin 2), by means of a
capacitor C45 and the parallel resistor R24 connected to ground. As the voltage on the
ISEN pin exceeds 0.8 V, the first OCP comparator, in addition to discharging CSS, turns on
an internal 150 µA current generator that, via the DELAY pin, charges C45. When the
voltage on C45 is 3.5 V, the L6699 stops switching and the PFC_STOP pin is pulled low.
Also the internal generator is turned off, so that C45 is now slowly discharged by R24. The
IC restarts when the voltage on C45 becomes lower than 0.3 V.
Additionally, if the voltage on the ISEN pin reaches 1.5 V for any reason (e.g. transformer
saturation), the second comparator is triggered, the L6699 shuts down and C45 is charged
to 3.5 V. Even in this case, the operation is resumed once the voltage on C45 drops below
0.3 V.
In Figure 26 a dead short-circuit event has been captured. In this case the overcurrent
protection is triggered by the second comparator referenced at 1.5 V which immediately
stops switching by the L6699 and discharging of the soft-start capacitor; at the same time
the capacitor connected to the DELAY pin (#2) begins charging up to 3.5 V (typ.). Once the
voltage on the DELAY pin reaches 3.5 V, the L6699 stops charging the delay capacitor
(C45) and the L6699 operation is resumed once the DELAY pin (#2) voltage decays to 0.3 V
(typ.) by the parallel resistor (R24), via a soft-start cycle. If the short-circuit condition is
removed, the converter again starts operation, otherwise if the short is still there, the
converter operation results in an intermittent operation (Hiccup mode) with a narrow
operating duty cycle of the converter, in order to prevent overheating of power components,
as can be noted in Figure 28.
In Figure 27 details of peak current with short-circuit occurring is shown. It is possible to see
the ZVS correct operation by the half bridge MOSFETs.
Figure 26. Short-circuit at full load
Figure 27. Short-circuit at full load – detail
CH1: HB voltage
CH2: DELAY
CH3: CSS
CH4: ISEN
AM11628v1
CH1: HB voltage
CH2: DELAY
CH3: CSS
CH4: ISEN
AM11629v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com