Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics AN4130 Datasheet HTML 11Page - STMicroelectronics AN4130 Datasheet HTML 12Page - STMicroelectronics AN4130 Datasheet HTML 13Page - STMicroelectronics AN4130 Datasheet HTML 14Page - STMicroelectronics AN4130 Datasheet HTML 15Page - STMicroelectronics AN4130 Datasheet HTML 16Page - STMicroelectronics AN4130 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AN4130
Theory of operation
Doc ID 023315 Rev 1
13/41
Where:
Yellow = line voltage
Magenta = line current, 50 mA/div ref -3div
Blue = Voltage at ILED pin, ref -3 div
Green = Voltage at bottom of 4.7 µF cap on ILED pin.
Dissipated power is also reduced at low conduction angles due to the lower RMS input
current:
Figure 17.
Power loss vs. dimmed RMS line voltage (120 V line)
Figure 18.
Output current vs. dimmed RMS line
Note that the dimming curve for the Schottky diode unit is much smoother and slightly lower
at the low end. This allows the unit to meet the requirements of NEMA SSL 6-2010, as
shown in Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com