Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 33Page - STMicroelectronics AN4130 Datasheet HTML 34Page - STMicroelectronics AN4130 Datasheet HTML 35Page - STMicroelectronics AN4130 Datasheet HTML 36Page - STMicroelectronics AN4130 Datasheet HTML 37Page - STMicroelectronics AN4130 Datasheet HTML 38Page - STMicroelectronics AN4130 Datasheet HTML 39Page - STMicroelectronics AN4130 Datasheet HTML 40Page - STMicroelectronics AN4130 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AN4130
References
Doc ID 023315 Rev 1
39/41
9
References
1.
ALTAIR05T-800, “Off-line all-primary-sensing switching regulator”, rev 1, datasheet.
2.
DB1534 EVLALTAIR05T-5W, “ALTAIR05T-800 5 W wide range CV-CC optoless adapter
demonstration board”, rev 1, data brief.
3.
HVLED805, “Off-line LED driver with primary-sensing”, rev 1, datasheet.
4.
AN3360, “3.2 W LED Power Supply based on HVLED805”, rev 2, application note.
5.
HVLED815PF, “Off-line LED driver with primary-sensing”, rev 1, datasheet.
6.
US Patent 5,729,443 “Switched Current Regulator with Improved Power Switch Control
Mechanism” Pavlin (1998)
7.
US Patent 7,978,485 “Thyristor Power Control Circuit with Damping Circuit Maintaining
Thyristor Holding Current” Stamm et al. (2011)
8.
AN1059, “Design Equations of High-Power-Factor Flyback Converters based on the
L6561”, rev 1, application note
9.
AN2711, “120 VAC input-Triac dimmable LED driver based on the L6562A”, rev 3,
application note
10. AN2838, “35 W Wide-Range High Power Factor Flyback Converter Demonstration
Board using the L6562A”, rev 1, application note
11. AN4129, “9W Triac dimmable, high power factor, Isolated LED driver based on
HVLED815PF (for US Market)”, rev 1, application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com