Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 17Page - STMicroelectronics AN4130 Datasheet HTML 18Page - STMicroelectronics AN4130 Datasheet HTML 19Page - STMicroelectronics AN4130 Datasheet HTML 20Page - STMicroelectronics AN4130 Datasheet HTML 21Page - STMicroelectronics AN4130 Datasheet HTML 22Page - STMicroelectronics AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AN4130
Design guidance
Doc ID 023315 Rev 1
21/41
Figure 31.
LED dynamic resistance vs. current
For a small voltage change the current change is about 10 times as large as for a resistive
load.
A 1 W white LED (~3.2 V at ~350 mA) has a slope resistance of about 1
Ω at full power. As
the current is reduced, the LED impedance rises accordingly, inversely proportional to the
current. But the capacitor's impedance determines the ripple voltage - the LED current
ripple percentage does not increase as the unit is dimmed.
4.3.2
Allowable ripple current in LEDs
At the converter switching frequency the output filter capacitor takes almost all the ripple
current. The ESR of the capacitor is dominant at that frequency, and is orders of magnitude
lower than the LED impedance. High frequency ripple in the LEDs is not a concern.
At twice the line frequency (120 Hz) LED ripple can have an effect on people even if it can't
be directly observed. It's common practice in the lighting industry to limit the optical ripple to
about 10% RMS of the total light, and NEMA SSL6-2010 requires a statement of ripple
percentage on the packaging if this is exceeded. So LED current ripple must be kept below
10%.
At 120 Hz capacitive reactance dominates the shunting impedance - ESR can be ignored.
Because of the low LED impedance the filter capacitors must reduce RMS ripple voltage to
about 1% of the LED string voltage.
Equation 1
For this design, with (18) 3.2 V LEDs at 175 mA, the capacitance should be about 284 µF.
The value used was 330 µF.
C
0.707
100
I
LED
⋅⋅
2
π 120Hz V
string
⋅⋅
--------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com