Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 19Page - STMicroelectronics AN4130 Datasheet HTML 20Page - STMicroelectronics AN4130 Datasheet HTML 21Page - STMicroelectronics AN4130 Datasheet HTML 22Page - STMicroelectronics AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AN4130
Design guidance
Doc ID 023315 Rev 1
23/41
4.6.2
Primary inductance
Assume the FET ON-time takes up half the cycle time.
Equation 2
A value of 950 µH was selected because additional time is required for the resonant drain
voltage fall time of the transition-mode converter.
4.6.3
Primary peak current
This is set by the required output power, which is limited by I2R loss in the internal FET on-
resistance, to about 10 W. For this design, at US mains voltage, the peak current is about
0.7 amps.
4.6.4
Reflected voltage
For PFC-flyback transition-mode power converters on US 120 V lines the best reflected
voltage choice is 110 to 130 V. This range gives the best converter efficiency. Copper losses
can be spread more or less equally between the primary and secondary windings, and the
FET turn-on losses from discharging circuit capacitance are quite low.
A turns ratio of 2:1 primary: secondary was selected for the 18-LED load, placing reflected
voltage at about 112 V at full undimmed output.
4.6.5
Leakage inductance
This should be as low as possible - energy stored here does not contribute to LED power
and must be dissipated as heat. Using part of the primary winding as the secondary greatly
reduces leakage inductance, but does not entirely eliminate it.
4.6.6
Auxiliary winding turns ratio
The operating voltage for the HVLED815PF depends on the LED voltage and the turns ratio.
The LED winding (secondary) voltage reflects to the flyback voltage on all windings. The
turns ratio from the secondary to the auxiliary winding determines the auxiliary voltage, both
for voltage regulation (open load protection) and for the Vcc power supply.
Sufficient voltage must be available to power the HVLED815PF at low dimmer settings.
Usually the lowest LED voltage where light is visible is around 2.8 V. The reflected voltage
on the auxiliary winding under these conditions must be greater than the HVLED815PF's
VccOFF max.
4.6.7
Final transformer specification
Winding ratios, primary inductance, peak currents, and other specifications are shown on
the schematic. The vendor's specification sheet appears later in this note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com