Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 33Page - STMicroelectronics AN4130 Datasheet HTML 34Page - STMicroelectronics AN4130 Datasheet HTML 35Page - STMicroelectronics AN4130 Datasheet HTML 36Page - STMicroelectronics AN4130 Datasheet HTML 37Page - STMicroelectronics AN4130 Datasheet HTML 38Page - STMicroelectronics AN4130 Datasheet HTML 39Page - STMicroelectronics AN4130 Datasheet HTML 40Page - STMicroelectronics AN4130 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
AN4130
Extensions and modifications
Doc ID 023315 Rev 1
37/41
Figure 42.
Transformer specification for 9-LED load
7.2
Higher line voltage
This is almost a wide-range design, dimmable at 90 V-130 V, and operable from 90 V to 305
V. The only thing preventing this is the voltage rating of capacitors and the output diode. The
HVLED815PF’s internal FET is rated for 800 V, a good design margin for European 230 V
lines and US 277 V lighting circuits. The design is not sensitive to input frequency. AC
injection divider (R3-R4) is adjusted, reasonable harmonic distortion (THD) performance
can be expected from 180 V to 305 V.
At higher input voltage the surge limiting resistor R1 should be coordinated with the single-
cycle surge rating of the input bridge. Triac dimming at higher input voltage requires
redesign of the input filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com