Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics AN4130 Datasheet HTML 28Page - STMicroelectronics AN4130 Datasheet HTML 29Page - STMicroelectronics AN4130 Datasheet HTML 30Page - STMicroelectronics AN4130 Datasheet HTML 31Page - STMicroelectronics AN4130 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Design guidance
AN4130
28/41
Doc ID 023315 Rev 1
4.12.1
Supporting the flyback input current
First we consider the differential current drawn by the converter. The input current waveform
at line peak is sketched below:
Figure 34.
Flyback converter input current waveform
The peak current is about 0.7 A, and the ON-time is about 3.5 microseconds. The charge
that must be delivered by the capacitor directly across the converter each cycle is about:
Equation 6
The capacitance needed was determined experimentally - 0.1 µF is a good starting point at
this power level.
So, ripple voltage for the 0.1 µF capacitor is about:
Equation 7
4.12.2
Shunting the HF noise
Next we examine the input capacitor. We use 0.1 µF here as well.
Values as small as 0.047 µF can be made to work, but the inductor value must increase to
keep the noise on the AC line low enough. The resulting inductors either become physically
large, or the resistive loss in the winding affects efficiency.
4.12.3
Limiting the noise current
At 150 kHz, the 0.1 µF capacitor has a reactance of about 10
Ω. This reactance shunts away
90% of the noise current from the LISN, leaving only about 10% to the input. So 12 Vp-p
must be reduced to about 12 mVp-p (half the noise appears on each line terminal relative to
ground).
The inductor must have a reactance of at least 1000 Ohms at 150 KHz. It was found
experimentally that a 4.7 mHy part worked well. The selected inductor has about 5.5 W of
DC resistance, so I2R loss is relatively low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com