Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4130 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 18Page - STMicroelectronics AN4130 Datasheet HTML 19Page - STMicroelectronics AN4130 Datasheet HTML 20Page - STMicroelectronics AN4130 Datasheet HTML 21Page - STMicroelectronics AN4130 Datasheet HTML 22Page - STMicroelectronics AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Design guidance
AN4130
22/41
Doc ID 023315 Rev 1
4.4
Diode selection (D3)
4.4.1
Speed
D3 must be a fast-recovery part, but because of the transition-mode topology the recovery
requirements are modest. Current in the diode reverses slowly, and the diode is completely
turned off well before the FET turns on. Parts with Trr up to about 70 ns are suitable.
4.4.2
Reverse voltage
The diode must support the reflected line voltage and output voltage plus a small spike from
leakage inductance. A standard 200 V fast-recovery diode was used. A high-voltage
Schottky diode would also work, with a slight gain in efficiency and slightly increased cost.
4.4.3
Current rating
This is a low-stress application for the diode. The 1-amp rating of ST’s STTH102A is
probably too much, but the part is inexpensive, and it works well.
4.5
Snubber capacitor selection (C10)
The current at FET turn-off continues to flow in the leakage inductance of the transformer,
resulting in a primary-side voltage spike. Common practice is to use an RCD clamp or an
RC snubber to dissipate this energy as heat.
The snubber can be moved to the secondary side of the transformer if leakage inductance is
low. The primary voltage can be caught on-the-rise by an R-C network placed across the
secondary winding or the diode. This avoids the need for high-voltage diodes and capacitors
on the primary side.
Experiments with relatively low values of capacitor and resistor determined that for a narrow
range of capacitor values the primary overshoot at FET turn-off was greatly reduced. It was
also discovered that the resistor is not needed if the secondary side capacitor is properly
selected. Criteria for selection have not been determined.
The 800 V rating of the HVLED815PF's FET doesn't hurt either. It's certainly too much for a
120 V line.
4.6
Transformer design (T1)
4.6.1
Operating frequency
Higher operating frequency reduces the size of the transformer. Operating frequency can be
increased up to the point where EMI filtering requirements become the limiting factor. An
operating frequency just below 150 kHz puts the second harmonic inside the conducted EMI
band, but the harmonics are smaller and easier to filter than the fundamental. Placing the
fundamental at 120-135 kHz at the nominal line voltage peak is a good compromise,
considering component tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com