Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 3Page - STMicroelectronics AN4350 Datasheet HTML 4Page - STMicroelectronics AN4350 Datasheet HTML 5Page - STMicroelectronics AN4350 Datasheet HTML 6Page - STMicroelectronics AN4350 Datasheet HTML 7Page - STMicroelectronics AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics AN4350 Datasheet HTML 10Page - STMicroelectronics AN4350 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DocID025181 Rev 1
7/34
AN4350
Circuit description and design guidelines
34
The VR reflected voltage is selected as a trade-off between efficiency (higher VR means
lower switching losses on the flyback Power MOSFET) and the absolute voltage on the
primary side switching node (higher VR means higher spike voltage on the Power
MOSFET's drain). Typical range of this parameter is between 70 V and 140 V.
Assuming a desiderated reflected voltage of 100 V the ratio becomes:
Equation 5
The ratio between the auxiliary (NAUX) and primary (NP) winding has to be selected to
guarantee the supply voltage for the IC when the output voltage is regulated (during the
startup the IC supply voltage is generated by the internal high voltage startup).
Equation 6
where typically the IC voltage is designed in the range of 17 V - 18 V (typ.).
In this design the IC voltage has been selected 15 V resulting in a higher secondary-
auxiliary transformer turns ratio:
Equation 7
Assuming a transformer with NP = 125 T, the secondary and auxiliary winding turn results
NS = 33 T, NAUX = 19 T.
Putting the value of Equation 7 into Equation 3 and resolving the Equation 2, the maximum
transformer magnetization inductance can be estimated:
Equation 8
The selected magnetization inductance is LP = 1.4 mH.
The leakage inductor of the transformer should be minimized to reduce the voltage spike on
the drain node when the MOSFET is turned OFF - the maximum leakage inductor value is
typically selected < 3% of the primary magnetizing value (LLK < 3%  LP).
NP
NS
-------
VR
VOUT VD
+
----------------------------
100V
25V 0.8V
+
------------------------------
3.87
==
=
NS
NAUX
--------------
VOUT VD
+
VCC IC

----------------------------
=
NS
NAUX
--------------
25V 0.8V
+
15V
------------------------------
1.72
==
LPMAX
200V
1
200V
100V
--------------
+


-----------------------------
1
100kHz
---------------------
1
310mA
2 3.87

1
100V
0.85 200V
-------------------------------
+


2
---------------------------------------------------------------------------------------------------------------------
1.73mH
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com