Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 14Page - STMicroelectronics AN4350 Datasheet HTML 15Page - STMicroelectronics AN4350 Datasheet HTML 16Page - STMicroelectronics AN4350 Datasheet HTML 17Page - STMicroelectronics AN4350 Datasheet HTML 18Page - STMicroelectronics AN4350 Datasheet HTML 19Page - STMicroelectronics AN4350 Datasheet HTML 20Page - STMicroelectronics AN4350 Datasheet HTML 21Page - STMicroelectronics AN4350 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Schematic and bill of materials
AN4350
18/34
DocID025181 Rev 1
Table 1. Bill of materials (BOM)
Ref.
Value
Part number
Vendor
Package
Description
BD1
600 V-0.8 A
HD06-T
DIODES ® INC.
Mini DIP
Bridge rectifier
C1
47 nF
B32921C3473
EPCOS
DIP 5 x 11 x 13
Input filter capacitor
C2
68 nF
B32921C3683
EPCOS
DIP 5 x 11 x 13
Input filter capacitor
C3
1 nF
C3216X7R2J102K
TDK
SMD 1206
Snubber capacitor
C4
22
F/50 V
EEUFR1H220
Panasonic
RADIAL 5 x 11.5 VCC filter capacitor
C5
1
F
C2012X5R1E105K
TDK
SMD 0805
ILED pin filtering
C6
10
F
C2012X5R0J106M
TDK
SMD 0805
CC - compensation network
C7
1 nF
SMD 0805
CP - compensation network
C8
100 nF/25 V
SMD 0805
VCC filter capacitor
C9
NC
SMD 0805
CS pin filtering
C10
1500 pF
DE1E3KX152MN5A
Murata
Y2 capacitor
C12A 330
F/35 V B41888C7337M
EPCOS
RADIAL 10 x 16 Output capacitor
C13
NC
SMD 1206
Output MLCC capacitor
C14
NC
SMD 1206
Output MLCC capacitor
C15
330
F/35 V B41888C7337M
EPCOS
RADIAL 10 x 16 Output capacitor
C16
330
F/35 V B41888C7337M
EPCOS
RADIAL 10 x 16 Output capacitor
C17
NC
SMD 1206
Output MLCC capacitor
C18
NC
SMD 1206
Output MLCC capacitor
D1
1 A/600 V
STTH1L06
STMicroelectronics®
SMB FLAT
Snubber diode
D2
1N4148
SOD-123
Self-supply diode
D3
3 A/150 V
STPS3150UF
STMicroelectronics
SMB FLAT
Output filter diode
D4
1N4148
SOD-123
PF network diode
F1
1 A -250 V
MCMSF 1 A 250 V
MULTICOMP
DIP 4 x 8
Input fuse
L1
1.5 mH
B82145A1155J000
EPCOS
DIP 6.5 x 12
Input inductor
R1
330 k
SMD 1206
Snubber resistor
R2
2.2
- 1%
SMD 1206
RSENSE resistor
R3
15
- 1%
SMD 1206
RSENSE resistor
R4
1 k
- 1 %
SMD 0805
RCS resistor
R5
17.3 k
 - 1%
SMD 0805
RFB resistor
R6
56 k
 - 1%
SMD 0805
RPF resistor
R7
220
SMD 0805
RC compensation network
R8
82 k
 - 1%
SMD 0805
RDMG resistor
R9
2.2
SMD 0805
VCC filtering
R10
0
SMD 0603
Optional
R11
NC
SMD 0603
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com