Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 20Page - STMicroelectronics AN4350 Datasheet HTML 21Page - STMicroelectronics AN4350 Datasheet HTML 22Page - STMicroelectronics AN4350 Datasheet HTML 23Page - STMicroelectronics AN4350 Datasheet HTML 24Page - STMicroelectronics AN4350 Datasheet HTML 25Page - STMicroelectronics AN4350 Datasheet HTML 26Page - STMicroelectronics AN4350 Datasheet HTML 27Page - STMicroelectronics AN4350 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Test results
AN4350
24/34
DocID025181 Rev 1
6.4
Line regulation
The average output voltage is regulated within ± 0.8% from no load to full load.
Figure 14. Line regulation
6.5
Harmonic distortion
The demonstration board respects the EC61000-3-2 Class D specification.
Figure 15. Harmonic distortion at 310 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com