Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 8Page - STMicroelectronics AN4350 Datasheet HTML 9Page - STMicroelectronics AN4350 Datasheet HTML 10Page - STMicroelectronics AN4350 Datasheet HTML 11Page - STMicroelectronics AN4350 Datasheet HTML 12Page - STMicroelectronics AN4350 Datasheet HTML 13Page - STMicroelectronics AN4350 Datasheet HTML 14Page - STMicroelectronics AN4350 Datasheet HTML 15Page - STMicroelectronics AN4350 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Circuit description and design guidelines
AN4350
12/34
DocID025181 Rev 1
Equation 19
Replacing Equation 1, Equation 13, and Equation 18 in Equation 17, the RSENSE resistor
results:
Equation 20
The resistors RSENSE, RFB, RDMG, ROS, RCS, RPF determine the output voltage and the
maximum deliverable current setting - suggested accuracy of these parameters is 1%.
2.5
Output filter
The output filter has to be designed to respect the output voltage ripple specification
(
VOUTpk-pk). In this kind of application, the single-stage high power factor, the high
frequency ripple at the switching frequency can be neglected respect to the low frequency
ripple at double line frequency (100/120 Hz).
The output capacitor value can then be estimated using Equation 21:
Equation 21
For this design, three output capacitors of 330
F/64 m/35 V have been selected.
2.6
Voltage control loop compensation
As mentioned in Section 2.3 the voltage control loop must have frequency bandwidth much
lower than the “control current loop” to avoid any interaction between the two loops. The
current loop “works” at the double of line input frequency (100 - 120 Hz), resulting in
suggested voltage loop bandwidth in the range of 5 - 10 Hz (BWCV < 1/10 of current loop
bandwidth).
The small signal system voltage loop gain can be estimated considering the equivalent
schematic in Figure 5.
Equation 22
Gloop_CV(s) = Gp(s)
 Gc(s) = [Gpwm  Gps(s)]  [Gea(s)  Gsh(s)  Gfb]
VAUX
VIN
NAUX
NP
--------------
=
RSENSE
1
2
---
NAUX
NS
--------------
RCS
RPF
-----------
1
IOUT CC
----------------------
VinRMS MIN
1
VR
 V
inRMS
MIN
-------------------------------------------
+



-----------------------------------------------------------
=
CoutMIN
0.4
--------
IOUT
MAX
fline
V
OUT
PK PK
–
-------------------------------------------------------
0.4
--------
310mA
50Hz 0.75V
------------------------------------
1005
F
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com