Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 9Page - STMicroelectronics AN4350 Datasheet HTML 10Page - STMicroelectronics AN4350 Datasheet HTML 11Page - STMicroelectronics AN4350 Datasheet HTML 12Page - STMicroelectronics AN4350 Datasheet HTML 13Page - STMicroelectronics AN4350 Datasheet HTML 14Page - STMicroelectronics AN4350 Datasheet HTML 15Page - STMicroelectronics AN4350 Datasheet HTML 16Page - STMicroelectronics AN4350 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID025181 Rev 1
13/34
AN4350
Circuit description and design guidelines
34
where the previous transfer functions are:
Gpwm is the internal PWM modulator gain (Gpwm = 0.5)
Gps(s) is the power stage transfer function (transformer and output filter)
Gfp is the feedback gain between the VOUT and DMG pin
Gsh(s) is the internal sample and hold transfer function
Gea(s) is the error amplifier transfer function (COMP pin network)
Figure 5. Equivalent small signal voltage control loop schematic
The power stage transfer function is calculated considering the transfer function of
a standard flyback converter:
Equation 23
Equation 24
Equation 25
Gps s

Go ps
1
s
z1 ps
---------------------
+


1
s
z2 ps
---------------------
–


1
s
pps
-----------------
+


------------------------------------------------------------------------------
=
Go ps
1
2
---
NP
NS
-------
ROUT
RSENSE
---------------------
1dP
–
1dP
+
----------------
=
z1 ps
1
ESR COUT
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com