Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 18Page - STMicroelectronics AN4350 Datasheet HTML 19Page - STMicroelectronics AN4350 Datasheet HTML 20Page - STMicroelectronics AN4350 Datasheet HTML 21Page - STMicroelectronics AN4350 Datasheet HTML 22Page - STMicroelectronics AN4350 Datasheet HTML 23Page - STMicroelectronics AN4350 Datasheet HTML 24Page - STMicroelectronics AN4350 Datasheet HTML 25Page - STMicroelectronics AN4350 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Test results
AN4350
22/34
DocID025181 Rev 1
6
Test results
From Figure 11 to Figure 18 are shown the main results of the demonstration boards at
nominal line input voltage (230 Vac).
6.1
Efficiency
System efficiency is higher than 80% starting from 20% of the rated maximum load (about
70 mA) and it increases up to 88% at the maximum load.
Figure 11. System efficiency
6.2
Power factor
The power factor is higher than 0.75 starting from 20% of the rated maximum load (about
70 mA) and increases up to 0.95 at maximum load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com