Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4350 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4350
Description  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 10Page - STMicroelectronics AN4350 Datasheet HTML 11Page - STMicroelectronics AN4350 Datasheet HTML 12Page - STMicroelectronics AN4350 Datasheet HTML 13Page - STMicroelectronics AN4350 Datasheet HTML 14Page - STMicroelectronics AN4350 Datasheet HTML 15Page - STMicroelectronics AN4350 Datasheet HTML 16Page - STMicroelectronics AN4350 Datasheet HTML 17Page - STMicroelectronics AN4350 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Circuit description and design guidelines
AN4350
14/34
DocID025181 Rev 1
Equation 26
Equation 27
where ESR is the equivalent output capacitor resistance and dp is the primary duty-cycle
that depends on the input and output voltage and it can be estimated with Equation 28:
Equation 28
The power stage presents one pole at low frequency (this pole is basically related to the
output filter time constant), and two zeros. Note that one zero is positive, resulting in
a negative contribution on the phase margin.
Replacing the component value on Equation 25, Equation 26, Equation 27 and considering
the VinRMS_typ and IOUTMAX, the frequency singularities of the power stage result:
The feedback gain transfer function is the ration between the output voltage and the DMG
pin, and it is calculated using Equation 29:
Equation 29
The sample and hold transfer function can be neglected because system voltage loop
bandwidth is much lower than the system switching frequency (the pole of the sample and
hold circuitry is at higher frequency than system bandwidth BWCV << FpS&H):
Equation 30
Gsh(s)
1
Typically an RC - CC series network is connected between the COMP pin and ground to
compensate the system loops, resulting in the following error amplifier transfer function:
Equation 31
Equation 32
fp_ps = 2.6 Hz
fz1_ps = 2.5 kHz
fz2_ps = 183 kHz.
z2 ps
NP
NS
-------


2
ROUT 1dP
–

2
LP dP
------------------------------------------------------------------
=
pps
1dP
+
ROUT COUT
------------------------------------
=
dP
VR
VR  VinRMS
+
-------------------------------------------
=
Gfb
NAUX
NS
--------------
RFB
RFB RDMG
+
---------------------------------
=
Gea s

Gea0
1
s
zea
-----------------
+


s
---------------------------------
=
Gea0
gm
CC
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com