Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0984 Datasheet HTML 5Page - STMicroelectronics UM0984 Datasheet HTML 6Page - STMicroelectronics UM0984 Datasheet HTML 7Page - STMicroelectronics UM0984 Datasheet HTML 8Page - STMicroelectronics UM0984 Datasheet HTML 9Page - STMicroelectronics UM0984 Datasheet HTML 10Page - STMicroelectronics UM0984 Datasheet HTML 11Page - STMicroelectronics UM0984 Datasheet HTML 12Page - STMicroelectronics UM0984 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
UM0984
Board description
Doc ID 17812 Rev 2
9/25
3.2
Description of main components
The complete converter application consists of an input section and the flyback converter
itself.
3.2.1
The input section contains
Bridge diode rectifier (DB1)
The bridge diode rectifier is used to reduce the size of the input bulk capacitor.
Inrush current limiter (R1)
This component reduces the inrush current caused by the connection of the SMPS to
the mains (charging current of bulk capacitors) or by surge pulses. It is recommended
to use a wirewound resistor to get higher immunity against current spikes.
EMI filter (L1, C1, C2, C13)
This basic EMI pi-filter uses an X2 foil capacitor (C1), bulk capacitors (C2, C13) and
a CMC inductor (L1).
Input bulk capacitors (C2, C13)
These capacitors store energy when the input AC voltage is low. Their value respects
the minimum input voltage and output power. The maximum voltage of these capacitors
is 450 V for this design because the maximum input voltage is specified up to 305 VAC.
If the maximum input voltage of the application is lower (more often the value is 265
VAC), 400 V capacitors can be used.
3.2.2
The flyback converter consists of
VIPER26LD (IC1)
This device integrates a controller and high voltage power MOSFET in one package.
The controller works in current mode with a fixed frequency and in discontinuous mode
even at the lowest input voltage. Thanks to the built-in error amplifier, the VIPER26LD
can directly sense the auxiliary voltage via a voltage divider (R5, R6). Thanks to good
coupling of the auxiliary and secondary windings, the auxiliary voltage corresponds
well with the secondary voltage and can be used for feedback regulation. Mandatory
components for proper operation of the VIPer26 are VDD capacitor C4 and
compensation network R8, C6 and C7. Diode D2 provides auxiliary voltage to C4 and
the feedback voltage divider.
Note:
The voltage divider collecting feedback information for the FB pin is connected to the VDD
pin. The total resistance of this voltage divider has to be designed with respect to the
minimum charging current during startup and additional possible leakage currents (VDD
capacitor). The minimum charging current is 600 µA, the maximum leakage current through
the VDD capacitor can be theoretically in the range of several tens of µA. The total current
through the voltage divider is therefore set to 150 µA to guarantee enough margin for the
startup circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com